Part Number Hot Search : 
SB113 MHW72 AN584 5160HR MPC942P WM8904 SG7805AR 5000F
Product Description
Full Text Search
 

To Download ATTINY24V-15MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Appendix B - ATtiny24V/ATtiny44V/ATtiny84V Automotive Specification at 1.8V
This document contains information specific to devices operating at voltage between 1.8V and 3.6V. Only deviations with standard operating characteristics are covered in this appendix, all other information can be found in the complete Automotive datasheet. The complete ATtiny24/ATtiny44/ATtiny84 automotive datasheet can be found on www.atmel.com
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash ATtiny24V ATtiny44V ATtiny84V Appendix B Preliminary
7819A-AVR-01/09
1. Electrical Characteristics
1.1 Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Parameters Operating temperature Storage temperature Voltage on any pin except RESET with respect to ground Maximum operating voltage DC current per I/O pin DC current VCC and GND pins Value -40 to +85 -65 to +175 -0.5 to VCC + 0.5 6.0 30.0 200.0 Unit C C V V mA mA
1.2
DC Characteristics
Parameters Condition Min. -0.5 0.7VCC(2) -0.5 0.9VCC -0.5 0.9VCC
(2) (2)
TA = -40 C to +85 C, VCC = 1.8V to 3.6V (unless otherwise noted) Symbol VIL VIH VIL1 VIH1 VIL2 VIH2 VOL VOH Typ. Max. +0.2VCC(1) VCC + 0.5 +0.2VCC(1) VCC + 0.5 +0.2VCC
(1)
Unit V V V V V V V V
Input low voltage, except XTAL1 and VCC = 1.8V to 3.6V RESET pin Input high voltage, except XTAL1 and RESET pins Input low voltage, XTAL1 pin Input high voltage, XTAL1 pin Input low voltage, RESET pin Input high voltage, RESET pin Output low voltage(3), I/O pin except RESET Output high voltage(4), I/O pin except RESET Power supply current VCC = 1.8V to 3.6V VCC = 1.8V to 3.6V VCC = 1.8V to 3.6V VCC = 1.8V to 3.6V VCC = 1.8V to 3.6V IOL = 2 mA, VCC = 1.8V IOH = -2mA, VCC = 1.8V Active 4 MHz, VCC = 3V Idle 4 MHz, VCC = 3V WDT disabled, VCC = 3V WDT enabled, VCC = 3V VCC = 2.7V Vin = VCC/2 VCC = 2.7V Vin = VCC/2
VCC + 0.5 0.2
1.2 0.8 0.2 0.2 4 < 10 -50 2.5 0.5 24 30 40 +50
mA mA A mV nA
ICC Power-down mode VACIO IACLK Notes: Analog comparator Input offset voltage Analog comparator Input leakage current
1. "Max" means the highest value where the pin is guaranteed to be read as low 2. "Min" means the lowest value where the pin is guaranteed to be read as high 3. Although each I/O port can sink more than the test conditions (2 mA at VCC = 1.8V) under steady state conditions (nontransient), the following must be observed: (1) The sum of all IOL, for all ports, should not exceed 50 mA. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition. 4. Although each I/O port can source more than the test conditions (0.5 mA at VCC = 1.8V) under steady state conditions (nontransient), the following must be observed: (1) The sum of all IOL, for ports B0 to B5, should not exceed 50 mA. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition.
2
ATtiny24V/ATtiny44V/ATtiny84V [Preliminary]
7819A-AVR-01/09
ATtiny24V/ATtiny44V/ATtiny84V [Preliminary]
1.3 Maximum Speed versus VCC
Maximum frequency is dependent on VCC. As shown in Figure 1-1, the Maximum Frequency vs. VCC curve is linear between 1.8V < VCC < 3.6V. Figure 1-1. Maximum Frequency versus VCC
8 MHz
4 MHz
Safe Operating Area
1.8V
2.7V
3.6V
1.4
Clock Characterizations
Calibration Accuracy of Internal RC Oscillator
Frequency User Calibration 7.3 MHz to 8.1 MHz VCC 1.8V to 3.6V Temperature -40C to +85C Accuracy 25%
Table 1-1.
3
7819A-AVR-01/09
1.5
ADC Characteristics
Symbol Parameters Resolution Absolute accuracy (Including INL, DNL, quantization error, gain and offset error) Test Conditions Single ended conversion VCC = 1.8V, VRef = 1.8V, ADC clock = 200 kHz VCC = 1.8V, VRef = 1.8V, ADC clock = 200 kHz Noise Reduction Mode VCC = 1.8V, VRef = 1.8V, ADC clock = 200 kHz VCC = 1.8V, VRef = 1.8V, ADC clock = 200 kHz VCC = 1.8V, VRef = 1.8V, ADC clock = 200 kHz VCC = 1.8V, VRef = 1.8V, ADC clock = 200 kHz -7.0 -3.5 1.8 Min. Typ. 10 2 4.0 Max. Unit Bits LSB
TA = -40 C to +85 C, VCC = 1.8V to 3.6V (unless otherwise noted)
2
4.0
LSB
Integral Non-Linearity (INL) Differential Non-Linearity (DNL) Gain error Offset error VREF Reference voltage
0.5 0.2 -3.0 +1.5
1.5 0.7 +5.0 +3.5 AVCC
LSB LSB LSB LSB V
1.6
ADC Characteristics
Symbol Parameters Resolution Absolute accuracy (Including INL, DNL, quantization error, gain and offset error) Integral Non-Linearity (INL) Test Conditions Differential conversion, gain = 1x BIPOLAR mode only Gain = 1x, VCC = 1.8V, VRef = 1.3V, ADC clock = 125 kHz Gain = 1x, VCC = 1.8V, VRef = 1.3V, ADC clock = 125kHz Gain = 1x, VCC = 1.8V, VRef = 1.3V, ADC clock = 125 kHz Gain = 1x, VCC = 1.8V, VRef = 1.3V, ADC clock = 125 kHz Gain = 1x, VCC = 1.8V. VRef = 1.3V, ADC clock = 125 kHz -7.0 Min. Typ. 8 Max. Unit Bits
TA = -40 C to +85 C, VCC = 1.8V to 3.6V (unless otherwise noted)
1.6
5.0
LSB
0.7
2.5
LSB
Differential Non-Linearity (DNL)
0.3
1.0
LSB
Gain Error
+1.50
+7.0
LSB
Offset Error
-4.0
0.0
+4.0 AVCC - 0.5
LSB
VREF
Reference Voltage
1.30
V
4
ATtiny24V/ATtiny44V/ATtiny84V [Preliminary]
7819A-AVR-01/09
ATtiny24V/ATtiny44V/ATtiny84V [Preliminary]
2. Ordering Information
Power Supply 1.8V to 3.6V 1.8V to 3.6V 1.8V to 3.6V 1.8V to 3.6V 1.8V to 3.6V Speed (MHz) 4-8 4-8 4-8 4-8 4-8 ISP Flash 2 KB 2 KB 4 KB 4 KB 8 KB Ordering Code ATtiny24V-15SST ATTINY24V-15MT ATtiny44V-15SST ATtiny44V-15MT ATtiny84V-15MT Package TU PN TU PN PN Operation Range Automotive (-40C to +85C) Automotive (-40C to +85C) Automotive (-40C to +85C) Automotive (-40C to +85C) Automotive (-40C to +85C)
3. Package Information
Table 3-1. Package Types
Description TU 14-Lead, 0.150" Body Width Plastic Gull Wing Small Outline Package (SOIC) PN 32-Lead, 5.0 x 5.0 mm Body, 0.50 mm Pitch Quad Flat No Lead ackage (QFN)
Package Type TU PN
5
7819A-AVR-01/09
Figure 3-1.
TU
6
ATtiny24V/ATtiny44V/ATtiny84V [Preliminary]
7819A-AVR-01/09
ATtiny24V/ATtiny44V/ATtiny84V [Preliminary]
Figure 3-2. PN
7
7819A-AVR-01/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Unit 1-5 & 16, 19/F BEA Tower, Millennium City 5 418 Kwun Tong Road Kwun Tong, Kowloon Hong Kong Tel: (852) 2245-6100 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-en-Yvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support avr@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2009 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, AVR (R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
7819A-AVR-01/09


▲Up To Search▲   

 
Price & Availability of ATTINY24V-15MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X